Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRYYTP Datasheet(PDF) 3 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 3 Page - Littelfuse

  LRYYTP Datasheet HTML 1Page - Littelfuse LRYYTP Datasheet HTML 2Page - Littelfuse LRYYTP Datasheet HTML 3Page - Littelfuse LRYYTP Datasheet HTML 4Page - Littelfuse LRYYTP Datasheet HTML 5Page - Littelfuse LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
77
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Absolute Maximum Ratings — Alternistor (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
T
C
8A
T
C
I
TSM
(full cycle, T
J initial = 25°C)
t = 20 ms
80
A
85
100
I2tI2t Value for fusing
t
p
A2s
41
di/dt
Critical rate of rise of on-state current
T
J = 125°C
A/μs
I
GTM
Peak gate trigger current
t
P
10 μs;
I
GT
I
GTM
T
J = 125°C
A
2.0
P
G(AV)
Average gate power dissipation
T
J = 125°C
I
GT = 10mA
0.4
W
I
GT
0.5
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
Lxx08x6
Lxx08x8
Unit
I
GT
V
D = 12V
R
L
IV
MAX.
5
10
10
20
mA
V
GT
ALL
MAX.
V
V
GD
V
D = VDRM
R
L
T
J = 110°C
ALL
0.2
V
I
I
T = 100mA
MAX.
10
20
mA
dv/dt
V
D = VDRM
Gate Open T
J = 100°C
400V
TYP.
40
V/μs
20
(dv/dt)c
J = 110°C
TYP.
2
2
V/μs
t
gt
I
G = 100mA
PW = 15μs I
T
TYP.
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com