Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRYYTP Datasheet(PDF) 7 Page - Littelfuse

Part # LRYYTP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRYYTP Datasheet(HTML) 7 Page - Littelfuse

Back Button LRYYTP Datasheet HTML 3Page - Littelfuse LRYYTP Datasheet HTML 4Page - Littelfuse LRYYTP Datasheet HTML 5Page - Littelfuse LRYYTP Datasheet HTML 6Page - Littelfuse LRYYTP Datasheet HTML 7Page - Littelfuse LRYYTP Datasheet HTML 8Page - Littelfuse LRYYTP Datasheet HTML 9Page - Littelfuse LRYYTP Datasheet HTML 10Page - Littelfuse LRYYTP Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
81
©2010 Littelfuse, Inc
Revised: July 29, 2010 12:24 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Lxx08xx & Qxx08xx & Qxx08xHx Series
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Surge Current Duration- Full Cycles
1
1
10
100
1000
10
100
L/Qxx08Ryy
L/Qxx08Lyy
L/Qxx08Nyy
L/Qxx08Vyy
L/Qxx08Dyy
Figure 10: Surge Peak On-State Current vs. Number of Cycles
LOAD: Resistive
RMS On-State Current: [I
T(RMS)
Value at Specified Case Temperature
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Figure 9: Maximum Allowable Ambient Temperature vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive CONDUCTION
ANGLE: 360
FREE AIR RATING - NO HEATSINK
L/Qxx08Lyy
L/Qxx08Ryy
L/Qxx08Vyy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com