Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC16N80P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFC16N80P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS220
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC16N80P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFC16N80P Datasheet HTML 1Page - IXYS Corporation IXFC16N80P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXFC 16N80P
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = IT, pulse test
9
16
S
C
iss
4600
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
330
pF
C
rss
23
pF
t
d(on)
27
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = IT
32
ns
t
d(off)
R
G = 5 Ω (External)
75
ns
t
f
29
ns
Q
g(on)
71
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = IT
21
nC
Q
gd
23
nC
R
thJC
0.82
° C/W
R
thCS
0.21
° C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
16
A
I
SM
Repetitive
48
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 16 A, -di/dt = 100 A/µs
250
ns
I
RM
V
R = 100 V, VGS = 0 V
7
A
Q
RM
0.8
µC
ISOPLUS220TM (IXFC) Outline
Ref: IXYS CO 0177 R0
Note:
Bottom heatsink (Pin 4) is
electrically isolated from Pin
1,2, or 3.
Note 1: Test Current I
T = 8 A
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and
experience, and constitute a "considered reflection" of the anticipated objective result. IXYS
reserves the right to change limits, test conditions, and dimensions without notice.
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com