Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC16N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC16N80P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS220
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC16N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC16N80P Datasheet HTML 1Page - IXYS Corporation IXFC16N80P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
800
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
800
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C9
A
I
DM
T
C = 25° C, pulse width limited by TJM
48
A
I
AR
T
C = 25° C8
A
E
AR
T
C = 25° C30
mJ
E
AS
T
C = 25° C
1.5
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 5 Ω
P
D
T
C = 25° C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
V
ISOL
50/60 Hz, RMS, t = 1, leads-to-tab
2500
V~
F
C
Mounting Force
11..65/2.5..15
N/lb
Weight
2g
DS99604E(07/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
800
V
V
GS(th)
V
DS = VGS, ID = 4 mA
3.0
5.0
V
I
GSS
V
GS = ±30 V, VDS = 0 V
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125° C
250
µA
R
DS(on)
V
GS = 10 V, ID = IT, (Note 1)
650
m
Ω
Pulse test, t
≤300 µs, duty cycle d ≤ 2 %
IXFC 16N80P
V
DSS
= 800
V
I
D25
=
9
A
R
DS(on) ≤
≤≤≤≤ 650 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ns
N-Channel Enhancement Mode
Fast Intrinsic Diode
Avalanche Rated
PolarHVTM HiPerFET
Power MOSFET
ISOPLUS220TM
(Electrically Isolated Back Surface)
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<35pF)
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly: no screws, or isolation
foils required
Space savings
High power density
Low collector capacitance to ground
(low EMI)
Isolated back surface
G = Gate
D = Drain
S = Source
ISOPLUS220TM (IXFC)
E153432
G
D
S
Advance Technical Information


Similar Part No. - IXFC16N80P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC16N80P ISC-IXFC16N80P Datasheet
324Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC16N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC22N60P IXYS-IXFC22N60P Datasheet
237Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC110N10P IXYS-IXFC110N10P Datasheet
236Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFC12N80P IXYS-IXFC12N80P Datasheet
207Kb / 2P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com