Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFG55N50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFG55N50
Description  HiPerFET Power MOSFETs ISOPLUS247
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFG55N50 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFG55N50 Datasheet HTML 1Page - IXYS Corporation IXFG55N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106
5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796
5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V; ID = IT
Note 1
45
S
C
iss
9400
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1280
pF
C
rss
460
pF
t
d(on)
45
n s
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
60
n s
t
d(off)
R
G = 1 Ω (External),
120
n s
t
f
45
n s
Q
g(on)
330
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = IT
55
nC
Q
gd
155
nC
R
thJC
0.30
K/W
R
thCK
0.15
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
55
A
I
SM
Repetitive; pulse width limited by T
JM
220
A
V
SD
I
F = IS, VGS = 0 V
1.5
V
t
rr
250
n s
Q
RM
1.0
µC
I
RM
10
A
I
F = 25A,-di/dt = 100 A/µs, VR = 100 V
Note: 1. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
2. I
T test current: IT = 27.5A
IXFG 55N50
See IXFK55N50 data sheet for
characteristic curves.
ISO264 OUTLINE
1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
4 - No Connection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com