Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFG55N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFG55N50
Description  HiPerFET Power MOSFETs ISOPLUS247
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFG55N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFG55N50 Datasheet HTML 1Page - IXYS Corporation IXFG55N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C48
A
I
DM
T
C
= 25
°C, Pulse width limited by T
JM
220
A
I
AR
T
C
= 25
°C55
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
400
W
T
J
-40 ... +150
°C
T
JM
150
°C
T
stg
-40 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
Md
Mounting torque
0.4/6 Nm/lb-in
Weight
5g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5 V
I
GSS
V
GS
=
±20 V, V
DS = 0
±200 nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
25
µA
V
GS = 0 V
T
J
= 125
°C2 mA
R
DS(on)
V
GS = 10 V, ID = IT
90 m
Ω
Note 1
DS99050(05/03)
ISO264TM
HiPerFETTM Power MOSFETs
ISOPLUS247TM
(Electrically Isolated Back Surface)
Single Die MOSFET
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<50pF)
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density
G = Gate
D = Drain
S = Source
V
DSS
= 500 V
I
D25
=48 A
R
DS(on)
=
90 m
Ω
IXFG 55N50
S
G
D
(TAB)


Similar Part No. - IXFG55N50

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IXF ILSI-IXF Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
IXF-10A15AF ILSI-IXF-10A15AF Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
IXF-10A15AT ILSI-IXF-10A15AT Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
IXF-10A15BF ILSI-IXF-10A15BF Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
IXF-10A15BT ILSI-IXF-10A15BT Datasheet
43Kb / 1P
Crystal Filter 3 Lead Metal Package
More results

Similar Description - IXFG55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N10 IXYS-IXFR180N10 Datasheet
33Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR100N25 IXYS-IXFR100N25 Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR12N100F IXYS-IXFR12N100F Datasheet
91Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR90N30 IXYS-IXFR90N30 Datasheet
55Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR150N15 IXYS-IXFR150N15 Datasheet
38Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR21N100Q IXYS-IXFR21N100Q_03 Datasheet
115Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR32N50Q IXYS-IXFR32N50Q_04 Datasheet
558Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR80N15Q IXYS-IXFR80N15Q Datasheet
47Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N07 IXYS-IXFR180N07 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com