Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU730F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFU730F
Description  NPN wideband silicon germanium RF transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFU730F Datasheet(HTML) 2 Page - NXP Semiconductors

  BFU730F Datasheet HTML 1Page - NXP Semiconductors BFU730F Datasheet HTML 2Page - NXP Semiconductors BFU730F Datasheet HTML 3Page - NXP Semiconductors BFU730F Datasheet HTML 4Page - NXP Semiconductors BFU730F Datasheet HTML 5Page - NXP Semiconductors BFU730F Datasheet HTML 6Page - NXP Semiconductors BFU730F Datasheet HTML 7Page - NXP Semiconductors BFU730F Datasheet HTML 8Page - NXP Semiconductors BFU730F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BFU730F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 29 April 2011
2 of 12
NXP Semiconductors
BFU730F
NPN wideband silicon germanium RF transistor
1.4 Quick reference data
[1]
Tsp is the temperature at the solder point of the emitter lead.
[2]
Gp(max) is the maximum power gain, if K > 1. If K < 1 then Gp(max) = Maximum Stable Gain (MSG).
2.
Pinning information
3.
Ordering information
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCBO
collector-base voltage
open emitter
-
-
10
V
VCEO
collector-emitter voltage
open base
-
-
2.8
V
VEBO
emitter-base voltage
open collector
-
-
1.0
V
IC
collector current
-
5
30
mA
Ptot
total power dissipation
Tsp ≤ 90 °C
[1] -
-
197
mW
hFE
DC current gain
IC =2mA; VCE =2V;
Tj =25 °C
205
380
555
CCBS
collector-base
capacitance
VCB =2V; f=1MHz
-
55
-
fF
fT
transition frequency
IC =25mA; VCE =2V;
f= 2GHz; Tamb =25 °C
-55
-
GHz
Gp(max)
maximum power gain
IC =17mA; VCE =2V;
f = 12 GHz; Tamb =25 °C
[2] -
12.5
-
dB
NF
noise figure
IC =5mA; VCE =2V;
f = 12 GHz;
Γ
S = Γopt
-1.30
-
dB
PL(1dB)
output power at 1 dB
gain compression
IC =15mA; VCE =2.5 V;
ZS =ZL =50 Ω;
f= 5.8GHz; Tamb =25 °C
-
12.5
-
dBm
Table 2.
Discrete pinning
Pin
Description
Simplified outline
Graphic symbol
1emitter
2base
3emitter
4
collector
1
2
34
mbb159
4
1, 3
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BFU730F
-
plastic surface-mounted flat pack package; reverse
pinning; 4 leads
SOT343F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com