Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU730F Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFU730F
Description  NPN wideband silicon germanium RF transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFU730F Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFU730F Datasheet HTML 4Page - NXP Semiconductors BFU730F Datasheet HTML 5Page - NXP Semiconductors BFU730F Datasheet HTML 6Page - NXP Semiconductors BFU730F Datasheet HTML 7Page - NXP Semiconductors BFU730F Datasheet HTML 8Page - NXP Semiconductors BFU730F Datasheet HTML 9Page - NXP Semiconductors BFU730F Datasheet HTML 10Page - NXP Semiconductors BFU730F Datasheet HTML 11Page - NXP Semiconductors BFU730F Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BFU730F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 29 April 2011
8 of 12
NXP Semiconductors
BFU730F
NPN wideband silicon germanium RF transistor
8.
Package outline
Fig 11. Package outline SOT343F
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT343F
SOT343F
05-07-12
06-03-16
UNIT
A
max
mm
0.4
0.3
0.75
0.65
0.7
0.5
2.2
1.8
0.25
0.10
1.35
1.15
0.48
0.38
2.2
2.0
bp
DIMENSIONS (mm are the original dimensions)
Plastic surface-mounted flat pack package; reverse pinning; 4 leads
b1
c
D
E
e
e1
HE
1.15
1.3
Lp
w
y
0.1
0.2
0
1
2 mm
scale
detail X
Lp
c
A
E
X
HE
D
A
y
bp
b1
e1
e
wA
M
wA
M
1
2
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com