Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH50N60C2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH50N60C2
Description  HiPerFAST IGBT C2-Class High Speed IGBTs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N60C2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH50N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 50N60C2
IXGT 50N60C2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 40 A; V
CE = 10 V,
40
51
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
3700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
230
pF
C
res
50
pF
Q
g
138
nC
Q
ge
I
C = 40 A, VGE = 15 V, VCE = 0.5 VCES
25
nC
Q
gc
40
nC
t
d(on)
18
ns
t
ri
25
ns
t
d(off)
115
150
ns
t
fi
48
ns
E
off
0.38
0.7 mJ
t
d(on)
18
ns
t
ri
25
ns
E
on
0.45
mJ
t
d(off)
170
ns
t
fi
60
ns
E
off
0.74
mJ
R
thJC
0.31 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 40 A, VGE = 15 V
V
CE = 480 V, RG = Roff = 2 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 40 A, VGE = 15 V
V
CE = 480 V, RG = Roff = 2 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
(Dimensions in inches and mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com