Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH50N60C2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH50N60C2
Description  HiPerFAST IGBT C2-Class High Speed IGBTs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N60C2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH50N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH50N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 50N60C2
IXGT 50N60C2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
0
20
40
60
80
100 120 140 160 180 200
I
C - Amperes
TJ = 25ºC
125ºC
Fig. 8. Dependence of Turn-Off
Energy on R
G
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
2
4
6
8
10
12
14
16
18
R
G - Ohms
IC = 20A
TJ = 125ºC
VGE = 15V
VCE = 480V
IC = 40A
IC = 80A
Fig. 9. Dependence of Turn-Off
Energy on I
c
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
20
30
40
50
60
70
80
I
C - A mperes
RG = 2Ω
RG = 10Ω - - - -
VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC
Fig. 10. Dependence of Turn-Off
Energy on Tem perature
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 80A
RG = 2Ω
RG = 10Ω - - - -
VGE = 15V
VCE = 480V
IC = 40A
IC = 20A
Fig. 11. Dependence of Turn-Off
Sw itching Tim e on R
G
50
100
150
200
250
300
350
400
450
2
4
6
8
10
12
14
16
18
R
G - Ohms
IC = 20A
t
d(off)
t
fi - - - - - -
TJ = 125ºC
VGE = 15V
VCE = 480V
IC = 40A
IC = 80A
Fig. 12. Dependence of Turn-Off
Sw itching Tim e on I
c
40
60
80
100
120
140
160
180
200
20
30
40
50
60
70
80
I
C - Amperes
t
d(off)
t
fi
- - - - - -
RG = 2Ω
VGE = 15V
VCE = 480V
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com