Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-080 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK401-080
Description  3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-080 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK401-080 Datasheet HTML 2Page - Sanyo Semicon Device STK401-080 Datasheet HTML 3Page - Sanyo Semicon Device STK401-080 Datasheet HTML 4Page - Sanyo Semicon Device STK401-080 Datasheet HTML 5Page - Sanyo Semicon Device STK401-080 Datasheet HTML 6Page - Sanyo Semicon Device STK401-080 Datasheet HTML 7Page - Sanyo Semicon Device STK401-080 Datasheet HTML 8Page - Sanyo Semicon Device STK401-080 Datasheet HTML 9Page - Sanyo Semicon Device STK401-080 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
The STK400-020 has six power transistors, so the thermal resistance per transistor
θj-c is 2.1°C / W. With an assured
ambient temperature Ta of 50°C, the required radiator thermal resistance
θc-a would be as follows:
From expression (1)'
θc-a < (125–50)/23.5
< 3.19
From expression (2)'
θc-a < (150–50)/23.5 – 2.1/6
< 5.84
To satisfy both, 3.19°C/W is the required radiator thermal resistance.
Figure 2 illustrates Pd - PO when the VCC of STK400-020 is ±16 V and RL is functioning at 3 Ω.
Pd = 26.5 W (1/10 PO max = during 1.5 W)
From expression (1)'
θc-a < (125–50) – 26.5
< 2.83
From expression (2)'
θc-a < (150-50)/26.5 – 2.1/6
< 3.42
To satisfy both, 2.83°C / W is the required radiator thermal resistance. This design example is based on a fixed voltage
supply, and will require verification within your specific set environment.
No. 4830-8/10
STK400-020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com