| Electronic Components Datasheet Search |
|
M24LR64-R Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 128 page ![]() M24LR64-R protocol description M24LR64-R 58/128 Doc ID 15170 Rev 10 16 M24LR64-R protocol description The transmission protocol (or simply protocol) defines the mechanism used to exchange instructions and data between the VCD and the M24LR64-R, in both directions. It is based on the concept of “VCD talks first”. This means that an M24LR64-R will not start transmitting unless it has received and properly decoded an instruction sent by the VCD. The protocol is based on an exchange of: ● a request from the VCD to the M24LR64-R ● a response from the M24LR64-R to the VCD Each request and each response are contained in a frame. The frame delimiters (SOF, EOF) are described in Section 12: M24LR64-R to VCD frames. Each request consists of: ● a request SOF (see Figure 20 and Figure 21) ● flags ● a command code ● parameters, depending on the command ● application data ● a 2-byte CRC ● a request EOF (see Figure 22) Each response consists of: ● an answer SOF (see Figure 35 to Figure 40) ● flags ● parameters, depending on the command ● application data ● a 2-byte CRC ● an answer EOF (see Figure 41 to Figure 46) The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight (8), that is an integer number of bytes. A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is transmitted least significant byte (LSByte) first, each byte is transmitted least significant bit (LSBit) first. The setting of the flags indicates the presence of the optional fields. When the flag is set (to one), the field is present. When the flag is reset (to zero), the field is absent. Table 20. VCD request frame format Request SOF Request_flags Command code Parameters Data 2-byte CRC Request EOF Table 21. M24LR64-R Response frame format Response SOF Response_flags Parameters Data 2-byte CRC Response EOF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |