| Electronic Components Datasheet Search |
|
M24LR64-R Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 128 page ![]() M24LR64-R Anticollision Doc ID 15170 Rev 10 67/128 21 Anticollision The purpose of the anticollision sequence is to inventory the M24LR64-Rs present in the VCD field using their unique ID (UID). The VCD is the master of communications with one or several M24LR64-Rs. It initiates M24LR64-R communication by issuing the Inventory request. The M24LR64-R sends its response in the determined slot or does not respond. 21.1 Request parameters When issuing the Inventory Command, the VCD: ● sets the Nb_slots_flag as desired ● adds the mask length and the mask value after the command field ● The mask length is the number of significant bits of the mask value. ● The mask value is contained in an integer number of bytes. The mask length indicates the number of significant bits. LSB is transmitted first ● If the mask length is not a multiple of 8 (bits), as many 0-bits as required will be added to the mask value MSB so that the mask value is contained in an integer number of bytes ● The next field starts at the next byte boundary. In the example of the Table 31 and Figure 50, the mask length is 11 bits. Five 0-bits are added to the mask value MSB. The 11-bit Mask and the current slot number are compared to the UID. Table 30. Inventory request format MSB LSB SOF Request_ flags Command Optional AFI Mask length Mask value CRC EOF 8 bits 8 bits 8 bits 8 bits 0 to 8 bytes 16 bits Table 31. Example of the addition of 0-bits to an 11-bit mask value (b15) MSB LSB (b0) 0000 0 100 1100 1111 0-bits added 11-bit mask value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |