Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9101 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 9Page - Maxim Integrated Products DS9101 Datasheet HTML 10Page - Maxim Integrated Products DS9101 Datasheet HTML 11Page - Maxim Integrated Products DS9101 Datasheet HTML 12Page - Maxim Integrated Products DS9101 Datasheet HTML 13Page - Maxim Integrated Products DS9101 Datasheet HTML 14Page - Maxim Integrated Products DS9101 Datasheet HTML 15Page - Maxim Integrated Products DS9101 Datasheet HTML 16Page - Maxim Integrated Products DS9101 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Temperature Conversion
The DS1921G measures temperatures with a resolution
of 0.5°C. Temperature values are represented in a sin-
gle byte as an unsigned binary number, which trans-
lates into a theoretical range of 128°C. The range,
however, has been limited to values from 0000 0000
(00h) through 1111 1010 (FAh). The codes 01h to F9h
are considered valid temperature readings.
If a temperature conversion yields a temperature that is
out of range, it is recorded as 00h (if too low) or FAh (if
too high). Since out-of-range results are accumulated in
histogram bins 0 and 62 (see the
Temperature Logging
and Histogram section), the data in these bins is of lim-
ited value. For this reason the specified temperature
range of the DS1921G is considered to begin at code
04h and end at code F7h, which corresponds to his-
togram bins 1 to 61.
With T[7…0] representing the decimal equivalent of a tem-
perature reading, the temperature value is calculated as
ϑ(°C) = T[7…0]/2 - 40.0
This equation is valid for converting temperature read-
ings stored in the data-log memory as well as for data
read from the Forced Temperature Conversion Readout
register (address 0211h).
To specify the temperature alarm thresholds, this equa-
tion needs to be resolved to
T[7…0] = 2 x
ϑ(°C) + 80.0
A value of 23°C, for example, thus translates into 126
decimal or 7Eh. This corresponds to the binary patterns
0111 1110, which could be written to a Temperature
Alarm register (address 020Bh and 020Ch, respectively).
Sample Rate
The content of the Sample Rate register (address
020Dh) determines how many minutes the temperature
conversions are apart from each other during a mission.
The sample rate can be any value from 1 to 255, coded
as an unsigned 8-bit binary number. If the memory has
been cleared (Status register bit MEMCLR = 1) and a
mission is enabled (Control register bit EM = 0), writing
a nonzero value to the Sample Rate register starts a mis-
sion. For a full description of the correct sequence of
steps to start a temperature-logging mission, see the
Missioning or Mission Example: Prepare and Start a
New Mission sections.
Thermochron iButton
______________________________________________________________________________________
13
Temperature Alarm Register Map
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
020Bh
Temperature Low Alarm Threshold
020Ch
Temperature High Alarm Threshold
Sample Rate Register Map
ADDRRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
020Dh
Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com