Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9101 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS9101
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 34Page - Maxim Integrated Products DS9101 Datasheet HTML 35Page - Maxim Integrated Products DS9101 Datasheet HTML 36Page - Maxim Integrated Products DS9101 Datasheet HTML 37Page - Maxim Integrated Products DS9101 Datasheet HTML 38Page - Maxim Integrated Products DS9101 Datasheet HTML 39Page - Maxim Integrated Products DS9101 Datasheet HTML 40Page - Maxim Integrated Products DS9101 Datasheet HTML 41Page - Maxim Integrated Products DS9101 Datasheet HTML 42Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Step 3: Set the search condition and Mission Start Delay and clear the alarm flags
In this example, the rollover is disabled and the search condition is set for a high temperature only. The mission is
to start with a delay of 90min (005Ah) and the alarm flags TLF, THF, and TAF are cleared. This results in the follow-
ing data to be written to the special function registers:
With only a single DS1921G connected to the bus master, the communication of step 3 is as follows:
Thermochron iButton
______________________________________________________________________________________
39
ADDRESS
20Eh
20Fh
210h
211h
212h
213h
214h
DATA
02h
00h*
00h*
00h*
5Ah
00h
00h
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Tx
(Reset)
Reset Pulse (480μs to 960μs)
Rx
(Presence)
Presence pulse
Tx
CCh
Issue Skip ROM command
Tx
0Fh
Issue Write Scratchpad command
Tx
0Eh
TA1, beginning offset = 0Eh
Tx
02h
TA2, address = 020Eh
Tx
<7 data bytes>
Write 7 bytes of data to scratchpad
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue Skip ROM command
Tx
AAh
Issue Read Scratchpad command
Rx
0Eh
Read TA1, beginning offset = 0Eh
Rx
02h
Read TA2, address = 020Eh
Rx
14h
Read E/S, ending offset = 14h, flags = 0h
Rx
<7 data bytes>
Read scratchpad data and verify
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue Skip ROM command
Tx
55h
Issue Copy Scratchpad command
Tx
0Eh
TA1
Tx
02h
TA2
Tx
13h
E/S
(AUTHORIZATION CODE)
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
*
Writing through address locations 20Fh to 211h is faster than accessing the Mission Start Delay register in a separate cycle. The
write attempt has no effect on the contents of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com