Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR75U30 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR75U30
Description  ULTRAFAST RECOVERY HIGH POWER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR75U30 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR75U30 Datasheet HTML 1Page - Solid States Devices, Inc SDR75U30 Datasheet HTML 2Page - Solid States Devices, Inc SDR75U30 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0152A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR75U20
Thru
SDR75U50
Electrical Characteristics
Symbol
Max
Typ
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300s pulse)
IF = 10Adc
IF = 25Adc
IF = 50Adc
IF = 75Adc
VF1
VF2
VF3
VF4
1200
1500
1800
2000
1060
1300
1550
1750
mVDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300s pulse)
IF = 10Adc
IF = 25Adc
IF = 50Adc
IF = 75Adc
VF6
VF7
VF8
VF9
-
-
1700
-
1050
1200
1350
1425
mVDC
Instantaneous Forward Voltage Drop
(TA = 100ºC, 300s pulse)
IF = 10Adc
IF = 25Adc
IF = 50Adc
IF = 75Adc
VF11
VF12
VF13
VF14
-
-
-
-
950
1200
1500
1700
mVDC
Instantaneous Forward Voltage Drop
(TA = 125ºC, 300s pulse)
IF = 10Adc
IF = 25Adc
IF = 50Adc
IF = 75Adc
VF16
VF17
VF18
VF19
-
-
1900
-
900
1150
1450
1650
mVDC
Instantaneous Forward Voltage Drop
(TA = 150ºC, 300s pulse)
IF = 10Adc
IF = 25Adc
IF = 50Adc
IF = 75Adc
VF21
VF22
VF23
VF24
-
-
-
-
850
1100
1400
1625
mVDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300s pulse minimum)
IR1
75
2
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300s pulse minimum)
IR2
-
250
A
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300s pulse minimum)
IR3
25
1
mA
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300s pulse minimum)
IR4
-
3
mA
Reverse Recovery Time
(IF = 500mA, IR = 1 Amp, IRR = 250mA, TA = 25ºC)
tRR
50
40
nsec
Junction Capacitance
(TA = 25ºC, f = 1MHz)
VR = 5VDC
VR = 10VDC
CJ
-
450
420
330
pF
Table 1- PIN ASSIGNMENT
Code
Configuration
Terminal
Stud
__
Normal
Anode
Cathode
R
Reverse
Cathode
Anode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com