Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR75U30 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR75U30
Description  ULTRAFAST RECOVERY HIGH POWER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR75U30 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR75U30 Datasheet HTML 1Page - Solid States Devices, Inc SDR75U30 Datasheet HTML 2Page - Solid States Devices, Inc SDR75U30 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0152A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR75U
__ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration (See Table 1)
__ = Normal (Cathode to Stud)
R = Reverse (Anode to Stud)
Family/Voltage
20 = 200V
30 = 300V
40 = 400V
50 = 500V
SDR75U20
thru
SDR75U50
75 Amp
ULTRAFAST RECOVERY
HIGH POWER RECTIFIER
200-500 Volt
50 nsec
Features:
Low Reverse Leakage Current
Single Chip Construction
PIV to 500V
Hermetically Sealed
Low Thermal Resistance
Higher Voltage Devices Up to 1KV Available*
Fast and Ultra Fast Recovery Versions Available*
For Reverse Polarity Add Suffix “R”
TX, TXV, and S-Level Screening Available
2/
*Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse
and DC Blocking Voltage
SDR75U20
SDR75U30
SDR75U40
SDR75U50
VRRM
VRWM
VR
200
300
400
500
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25°C)
Io
75
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25°C)
IFSM
450
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
RJC
0.85
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5


Similar Part No. - SDR75U30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR75010 SSDI-SDR75010 Datasheet
170Kb / 3P
ULTRAFAST RECTIFIER
SDR75010U SSDI-SDR75010U Datasheet
170Kb / 3P
ULTRAFAST RECTIFIER
SDR75015 SSDI-SDR75015 Datasheet
170Kb / 3P
ULTRAFAST RECTIFIER
SDR75020 SSDI-SDR75020 Datasheet
170Kb / 3P
ULTRAFAST RECTIFIER
More results

Similar Description - SDR75U30

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
Ultrafast Recovery Power Rectifier
logo
Solid States Devices, I...
RC0152A SSDI-RC0152A Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
RC0152A SSDI-RC0152A_15 Datasheet
94Kb / 3P
ULTRAFAST RECOVERY HIGH POWER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com