Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7057ASE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
14
______________________________________________________________________________________
BIT
NAME
FUNCTION
4-0
cap[4:0]
5-bit capacitor setting
7-5
ckdiv[2:0]
3-bit clock output frequency divider
Table 5. Configuration 0 Register (Address: 0x01)
DATA
NAME
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MODE
CONTRL
0x00
0
0
spioffsht
pllbw
shape
ckouts
ckouton
mode
R/W
CONFIG0
0x01
ckdiv[2]
ckdiv[1]
ckdiv[0]
cap[4]
cap[3]
cap[2]
cap[1]
cap[0]
R/W
HIFREQ1
0x02
fhi[15]
fhi[14]
fhi[13]
fhi[12]
fhi[11]
fhi[10]
fhi[9]
fhi[8]
R/W
HIFREQ0
0x03
fhi[7]
fhi[6]
fhi[5]
fhi[4]
fhi[3]
fhi[2]
fhi[1]
fhi[0]
R/W
LOFREQ1
0x04
flo[15]
flo[14]
flo[13]
flo[12]
flo[11]
flo[10]
flo[9]
flo[8]
R/W
LOFREQ0
0x05
flo[7]
flo[6]
flo[5]
flo[4]
flo[3]
flo[2]
flo[1]
flo[0]
R/W
FLOAD
0x06
—
—
—
—
—
—
—
fload
R/W
DATAIN
0x07
—
—
—
—
—
—
—
datain_bit
R/W
EN
0x08
—
—
—
—
—
—
—
enable_bit
R/W
CONFIG1
0x09
0
0
0
0
0
gposel[2]
gposel[1]
gposel[0]
R/W
STATUS
0x0C
fhi/lo[15]
fhi/lo[14]
fhi/lo[13] fhi/lo[12]
X
0
TxREADY
NoXTAL
R
Table 3. Register Configuration
BIT
NAME
FUNCTION
0
mode
ASK(0) or FSK(1)
1
ckouton
Crystal clock output enable(1) on GPO output
2
ckouts
Crystal clock output enable(1) while part is in shutdown mode
3
shape
Disable(0) or enable(1) transmitter envelope-shaping resistor
4
pllbw
PLL bandwidth setting, low(0) = 300kHz or high(1) = 600kHz; 300kHz is recommended for fractional-N
and 600kHz for fixed-N
5
spioffsht
Enable(0) or disable(1) SPI communication during shutdown
Table 4. Control Register (Address: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com