Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7057ASE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 18Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 19Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
18
______________________________________________________________________________________
MAX7057
C12
C13
C11
16
DVDD
15
GPO
14
DGND
13
DIN
12
ENABLE
11
AGND
GPO
DIN
ENABLE
SCLK
SDI
CS
VDD
C6
C7
C4
C5
C2
7
PAVDD
VDD
C9
C8
C15
C14
XTAL1
Y1
10
C10
XTAL2
9
VDD
AVDD
8
R1
L2
6
ROUT
L1
C1
5
PAOUT
C3
RFOUT
4
PAGND
3
SCLK
CS
1
2
SDI
Typical Application Circuit
Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2
1
10pF ±5%, 50V C0G ceramic capacitors (0603)
Murata GRM1885C1H100J
C3
1
6.8pF ±5%, 50V C0G ceramic capacitor (0603)
Murata GRM1885C1H6R8J
C4, C7
2
220pF ±5%, 50V C0G ceramic capacitors (0603)
Murata GRM1885C1H221J
C5
1
680pF ±5%, 50V C0G ceramic capacitor (0603)
Murata GRM1885C1H681J
C6, C9, C12
3
10nF ±10%, 50V X7R ceramic capacitors (0603)
Murata GRM188R71H103K
C8, C13
2
100nF ±10%, 50V X7R ceramic capacitors (0603)
Murata GRM188R71H104K
C10, C11
2
100pF ±5%, 50V C0G ceramic capacitors (0603)
Murata GRM1885C1H101J
C14, C15
2
4pF ±5%, 50V C0G ceramic capacitors (0603)
Murata GRM1885C1H4R0C
L1
1
22nH ±5% wire-wound inductor (0603)
Murata LQW18AN22NJ00
L2
1
13nH ±5% wire-wound inductor (0603)
Murata LQW18AN13NJ00
R1
1
0
Ω resistor (0603)
Y1
1
16MHz crystal
Crystek 17466, Suntsu SCX284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com