Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16301 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP16301
Description  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP16301 Datasheet HTML 30Page - Microchip Technology MCP16301 Datasheet HTML 31Page - Microchip Technology MCP16301 Datasheet HTML 32Page - Microchip Technology MCP16301 Datasheet HTML 33Page - Microchip Technology MCP16301 Datasheet HTML 34Page - Microchip Technology MCP16301 Datasheet HTML 35Page - Microchip Technology MCP16301 Datasheet HTML 36Page - Microchip Technology MCP16301 Datasheet HTML 37Page - Microchip Technology MCP16301 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 35
MCP16301
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a)
MCP16301T-I/CHY: Step-Down Regulator,
Tape and Reel,
Industrial Temperature
6LD SOT-23 pkg.
PART NO.
-X
/XXX
Package
Temperature
Range
Device
Device
MCP16301T: High Voltage Step-Down Regulator,
Tape and Reel
Temperature Range
I
= -40
°C to +85°C
(Industrial)
Package
CHY = Plastic Small Outline Transistor (SOT-23), 6-lead
X
Tape
and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com