Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16301 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP16301
Description  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP16301 Datasheet HTML 13Page - Microchip Technology MCP16301 Datasheet HTML 14Page - Microchip Technology MCP16301 Datasheet HTML 15Page - Microchip Technology MCP16301 Datasheet HTML 16Page - Microchip Technology MCP16301 Datasheet HTML 17Page - Microchip Technology MCP16301 Datasheet HTML 18Page - Microchip Technology MCP16301 Datasheet HTML 19Page - Microchip Technology MCP16301 Datasheet HTML 20Page - Microchip Technology MCP16301 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 17
MCP16301
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP16301 step-down converter operates over a
wide input voltage range, up to 30V maximum. Typical
applications include generating a bias or VDD voltage
for the PIC® microcontrollers product line, digital con-
trol system bias supply for AC-DC converters, 24V
industrial input and similar applications.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16301, Equation 5-1 can be used. RTOP is con-
nected to VOUT, RBOT is connected to GND and both
are connected to the VFB input pin.
EQUATION 5-1:
EXAMPLE 5-1:
EXAMPLE 5-2:
The transconductance error amplifier gain is controlled
by its internal impedance. The external divider resistors
have no effect on system gain, so a wide range of
values can be used. A 10 k
Ω resistor is recommended
as a good trade-off for quiescent current and noise
immunity.
5.3
General Design Equations
The step down converter duty cycle can be estimated
using Equation 5-2, while operating in Continuous
Inductor Current Mode. This equation also counts the
forward drop of the freewheeling diode and internal
N-Channel MOSFET switch voltage drop. As the load
current increases, the switch voltage drop and diode
voltage drop increase, requiring a larger PWM duty
cycle to maintain the output voltage regulation. Switch
voltage drop is estimated by multiplying the switch
current times the switch resistance or RDSON.
EQUATION 5-2:
CONTINUOUS INDUCTOR
CURRENT DUTY CYCLE
The MCP16301 device features an integrated slope
compensation to prevent the bimodal operation of the
PWM duty cycle. Internally, half of the inductor current
down slope is summed with the internal current sense
signal. For the proper amount of slope compensation,
it is recommended to keep the inductor down-slope
current constant by varying the inductance with VOUT,
where K = 0.22V/µH.
EQUATION 5-3:
For
VOUT = 3.3V, an inductance of 15 µH is
recommended.
R
TOP
R
BOT
V
OUT
V
FB
-------------1
–
⎝⎠
⎛⎞
×
=
VOUT
=3.3V
VFB
=0.8V
RBOT
=10 k
Ω
RTOP
=
31.25 k
Ω (Standard Value = 31.2 kΩ)
VOUT
=3.3V
VOUT
=5.0V
VFB
=0.8V
RBOT
=10 k
Ω
RTOP
=
52.5 k
Ω (Standard Value = 52.3 kΩ)
VOUT
=4.98V
TABLE 5-1:
RECOMMENDED INDUCTOR
VALUES
VOUT
K
LSTANDARD
2.0V
0.20
10 µH
3.3V
0.22
15 µH
5.0V
0.23
22 µH
12V
0.21
56 µH
15V
0.22
68 µH
D
V
OUT
V
Diode
+
()
V
IN
I
SW
R
DSON
×
()
–
()
-------------------------------------------------------
=
KV
OUT L
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com