| Electronic Components Datasheet Search |
|
PIC16F1847 Datasheet(PDF) 123 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 Datasheet(HTML) 123 Page - Microchip Technology |
|
123 / 408 page ![]() 2011 Microchip Technology Inc. Preliminary DS41453B-page 123 PIC16(L)F1847 REGISTER 12-6: WPUA: WEAK PULL-UP PORTA REGISTER U-0 U-0 R/W-1/1 U-0 U-0 U-0 U-0 U-0 — — WPUA5 — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-6 Unimplemented: Read as ‘0’ bit 5 WPUA5: Weak Pull-up RA5 Control bit If MCLRE in Configuration Word 1 = 0, MCLR is disabled): 1 = Weak Pull-up enabled(1) 0 = Weak Pull-up disabled If MCLRE in Configuration Word 1 = 1, MCLR is enabled): Weak Pull-up is always enabled. bit 4-0 Unimplemented: Read as ‘0’ Note 1: Global WPUEN bit of the OPTION_REG register must be cleared for individual pull-ups to be enabled. 2: The weak pull-up device is automatically disabled if the pin is in configured as an output. REGISTER 12-7: ANSELA: PORTA ANALOG SELECT REGISTER U-0 U-0 U-0 R/W-1/1 R/W-1/1 R/W-1/1 R/W-1/1 R/W-1/1 — — — ANSA4 ANSA3 ANSA2 ANSA1 ANSA0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7-5 Unimplemented: Read as ‘0’ bit 4-0 ANSA<4:0> : Analog Select between Analog or Digital Function on pins RA<4:0>, respectively 0 = Digital I/O. Pin is assigned to port or digital special function. 1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled. Note 1: When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to allow external control of the voltage on the pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |