Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1847 Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F1847
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847 Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F1847 Datasheet HTML 120Page - Microchip Technology PIC16F1847 Datasheet HTML 121Page - Microchip Technology PIC16F1847 Datasheet HTML 122Page - Microchip Technology PIC16F1847 Datasheet HTML 123Page - Microchip Technology PIC16F1847 Datasheet HTML 124Page - Microchip Technology PIC16F1847 Datasheet HTML 125Page - Microchip Technology PIC16F1847 Datasheet HTML 126Page - Microchip Technology PIC16F1847 Datasheet HTML 127Page - Microchip Technology PIC16F1847 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 408 page
background image
PIC16(L)F1847
DS41453B-page 124
Preliminary
 2011 Microchip Technology Inc.
12.2.3
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input functions, such as ADC, comparator and
CapSense inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
RA0
1.
SDO2
2.
RA0
RA1
1.
SS2
2.
RA1
RA2
1.
DACOUT (DAC)
2.
RA2
RA3
1.
SRQ (SR latch)
2.
CCP3
3.
C1OUT (Comparator)
4.
RA3
RA4
1.
SRNQ (SR latch)
2.
CCP4
3.
T0CKI
4.
C2OUT (Comparator)
5.
RA4
RA5
Input only pin.
RA6
1.
OSC2 (enabled by Configuration Word)
2.
CLKOUT
3.
CLKR
4.
SDO1
5.
P1D
6.
P2B
7.
RA6
RA7
1.
OSC1/CLKIN (enabled by Configuration Word)
2.
P1C
3.
CCP2
4.
P2A
5.
RA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com