Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1847 Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC16F1847
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847 Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC16F1847 Datasheet HTML 196Page - Microchip Technology PIC16F1847 Datasheet HTML 197Page - Microchip Technology PIC16F1847 Datasheet HTML 198Page - Microchip Technology PIC16F1847 Datasheet HTML 199Page - Microchip Technology PIC16F1847 Datasheet HTML 200Page - Microchip Technology PIC16F1847 Datasheet HTML 201Page - Microchip Technology PIC16F1847 Datasheet HTML 202Page - Microchip Technology PIC16F1847 Datasheet HTML 203Page - Microchip Technology PIC16F1847 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 408 page
background image
PIC16(L)F1847
DS41453B-page 200
Preliminary
 2011 Microchip Technology Inc.
REGISTER 23-1:
MDCON: MODULATION CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-1/1
R/W-0/0
R-0/0
U-0
U-0
R/W-0/0
MDEN
MDOE
MDSLR
MDOPOL
MDOUT
—
—MDBIT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
MDEN:
Modulator Module Enable bit
1
= Modulator module is enabled and mixing input signals
0
= Modulator module is disabled and has no output
bit 6
MDOE:
Modulator Module Pin Output Enable bit
1
= Modulator pin output enabled
0
= Modulator pin output disabled
bit 5
MDSLR:
MDOUT Pin Slew Rate Limiting bit
1
= MDOUT pin slew rate limiting enabled
0
= MDOUT pin slew rate limiting disabled
bit 4
MDOPOL:
Modulator Output Polarity Select bit
1
= Modulator output signal is inverted
0
= Modulator output signal is not inverted
bit 3
MDOUT:
Modulator Output bit
Displays the current output value of the Modulator module.(1)
bit 2-1
Unimplemented:
Read as ‘0’
bit 0
MDBIT:
Allows software to manually set modulation source input to module(2)
Note 1:
The modulated output frequency can be greater and asynchronous from the clock that updates this
register bit, the bit value may not be valid for higher speed modulator or carrier signals.
2:
MDBIT must be selected as the modulation source in the MDSRC register for this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com