Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1847 Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC16F1847
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847 Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC16F1847 Datasheet HTML 197Page - Microchip Technology PIC16F1847 Datasheet HTML 198Page - Microchip Technology PIC16F1847 Datasheet HTML 199Page - Microchip Technology PIC16F1847 Datasheet HTML 200Page - Microchip Technology PIC16F1847 Datasheet HTML 201Page - Microchip Technology PIC16F1847 Datasheet HTML 202Page - Microchip Technology PIC16F1847 Datasheet HTML 203Page - Microchip Technology PIC16F1847 Datasheet HTML 204Page - Microchip Technology PIC16F1847 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 408 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41453B-page 201
PIC16(L)F1847
REGISTER 23-2:
MDSRC: MODULATION SOURCE CONTROL REGISTER
R/W-x/u
U-0
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
MDMSODIS
—
—
—MDMS<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
MDMSODIS:
Modulation Source Output Disable bit
1
= Output signal driving the peripheral output pin (selected by MDMS<3:0>) is disabled
0
= Output signal driving the peripheral output pin (selected by MDMS<3:0>) is enabled
bit 6-4
Unimplemented:
Read as ‘0’
bit 3-0
MDMS<3:0>
Modulation Source Selection bits
1111
= Reserved. No channel connected.
1110
= Reserved. No channel connected.
1101
= Reserved. No channel connected.
1100
= Reserved. No channel connected.
1011
= Reserved. No channel connected.
1010
= EUSART TX output
1001
= MSSP2 SDOx output
1000
= MSSP1 SDOx output
0111
= Comparator2 output
0110
= Comparator1 output
0101
= CCP4 output (PWM Output mode only)
0100
= CCP3 output (PWM Output mode only)
0011
= CCP2 output (PWM Output mode only)
0010
= CCP1 output (PWM Output mode only)
0001
= MDMIN port pin
0000
= MDBIT bit of MDCON register is modulation source
Note 1:
Narrowed carrier pulse widths or spurs may occur in the signal stream if the carrier is not synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com