Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F14K22LIN Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F14K22LIN
Description  20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22LIN Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F14K22LIN Datasheet HTML 1Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 2Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 3Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 4Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 5Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 6Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 7Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 8Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
PIC18F14K22LIN
DS41580A-page 4
Preliminary
 2011 Microchip Technology Inc.
• Enhanced Capture/Compare/PWM (ECCP)
module with:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-shutdown and Auto-restart
- PWM output steering control
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter module (EUSART):
- Supports RS-232, RS-485 and LIN 2.0
- Auto-Baud Detect
- Auto Wake-up on Start bit
• SR Latch (555 Timer) module with:
- Configurable inputs and outputs
- Supports mTouch™ capacitive sensing
applications
• On-board Voltage Regulator:
- Output voltage of 5.0V with tolerances of
±3% over temperature range
- Maximum continuous input voltage of 30V
- Internal thermal overload protection
- Internal short circuit current limit
- External components limited to filter
capacitor only and load capacitor
- Automatic thermal shutdown
• Internal Bus Transceiver Compliant with LIN Bus
Specifications 1.3, 2.0 and 2.1 and are Compliant
to SAE J2602:
- Support Baud Rates up to 20 Kbaud
- 43V load dump protected
- Very low EMI meets stringent OEM require-
ments
- Wide supply voltage, 6.0V-18.0V continuous:
- Internal pull-up resistor and diode
- Protected against ground shorts
- Protected against loss of ground
- High current drive
- Automatic thermal shutdown
• Extended Temperature Range: -40 to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com