Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F14K22LIN Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F14K22LIN
Description  20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22LIN Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F14K22LIN Datasheet HTML 5Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 6Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 7Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 8Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 9Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 10Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 11Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 12Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41580A-page 9
PIC18F14K22LIN
1.0
USING THE MCP200X IN LIN
BUS APPLICATIONS
1.1
Hardware
The MCP200X internal connections are optimized to
reduce the number of components in a typical LIN/
J2602 node in a LIN bus system. Some features and
modules of the stand-alone PIC18F14K22 are no
longer available or their functionality has changed.
FIGURE 1-1:
TYPICAL LIN NETWORK CONFIGURATION
For this reason, the following (Example 1-1) is a
recommended block diagram. Note the microcontroller
is powered by the internal voltage regulator and an
external connection must be made between VREG and
VBB along with a load capacitor. FAULT/TXE can be
monitored or controlled by any I/O pin.
Note:
Failure to follow the recommended setup
and initialization may result in improper or
unknown LIN operation.
LIN bus
MCP202X
Master
µC
1k
VBB
Slave 1
µC
Slave 2
µC
Slave n <16
µC
40m
+ Return
LIN bus
LIN bus
MCP202X
LIN bus
PIC18F1XK22LIN
LIN bus
MCP202X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com