Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX535DVV1C Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PCIMX535DVV1C
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX535DVV1C Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PCIMX535DVV1C Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
39
4.4.3
UHVIO Output Buffer Impedance
Table 20 shows the UHVIO output buffer impedance.
4.4.4
LVDS I/O Output Buffer Impedance
The LVDS interface complies with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A,
“Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits” for details.
4.5
I/O AC Parameters
This section includes the AC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate 3 I/O (DDR3) for DDR2/LVDDR2, LPDDR2 and DDR3 modes
•
Low Voltage I/O (LVIO)
•
Ultra High Voltage I/O (UHVIO)
•LVDS I/O
The load circuit and output transition time waveforms are shown in Figure 5 and Figure 6.
Figure 5. Load Circuit for Output
Figure 6. Output Transition Time Waveform
Table 20. UHVIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
1.95 V
OVDD
3.0 V
OVDD
1.875 V
OVDD
3.3 V
OVDD
1.65 V
OVDD
3.6 V
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
98
49
32
114
57
38
124
62
41
135
67
45
198
99
66
206
103
69
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
97
49
32
118
59
40
126
63
42
154
77
51
179
89
60
217
109
72
Ω
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com