Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX535DVV1C Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PCIMX535DVV1C
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX535DVV1C Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PCIMX535DVV1C Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
4
Freescale Semiconductor
Introduction
•
External memory interfaces:
— 16/32-bit DDR2-800, LV-DDR2-800 or DDR3-800 up to 2 Gbyte
— 32-bit LPDDR2
— 8/16-bit NAND SLC/MLC Flash, up to 66 MHz, 4/8/14/16-bit ECC
— 8/16-bit NOR Flash, PSRAM, and cellular RAM.
— 32-bit multiplexed mode NOR Flash, PSRAM & cellular RAM.
— 8-bit Asynchronous (DTACK mode) EIM interface.
— All EIM pins are muxed on other interfaces (data with NFC pins). I/O muxing logic selects EIM
port, as primary muxing at system boot.
— Samsung OneNAND™ and managed NAND including eMMC up to rev 4.4 (in muxed I/O
mode)
The i.MX53xD system is built around the following system on chip interfaces:
•
64-bit AMBA AXI v1.0 bus—used by ARM platform, multimedia accelerators (such as VPU, IPU,
GPU3D, GPU2D) and the external memory controller (EXTMC) operating at 200 MHz.
•
32-bit AMBA AHB 2.0 bus—used by the rest of the bus master peripherals operating at 133 MHz.
•
32-bit IP bus—peripheral bus used for control (and slow data traffic) of the most system peripheral
devices operating at 66 MHz.
The i.MX53xD makes use of dedicated hardware accelerators to achieve state-of-the-art multimedia
performance. The use of hardware accelerators provides both high performance and low power
consumption while freeing up the CPU core for other tasks.
The i.MX53xD incorporates the following hardware accelerators:
•
VPU, version 3—video processing unit
•
GPU3D—3D graphics processing unit, OpenGL ES 2.0, version 3, 33 Mtri/s, 200 Mpix/s, and
800 Mpix/s z-plane performance, 256 Kbyte RAM memory
•
GPU2D—2D graphics accelerator, OpenVG 1.1, version 1, 200 Mpix/s performance,
•
IPU, version 3M—image processing unit
•
ASRC—asynchronous sample rate converter
The i.MX53xD includes the following interfaces to external devices:
NOTE
Not all interfaces are available simultaneously, depending on I/O
multiplexer configuration.
•
Hard disk drives:
— PATA, up to U-DMA mode 5, 100 MByte/s
— SATA I, 1.5 Gbps
•Displays:
— Five interfaces available. Total rate of all interfaces is up to 180 Mpixels/s, 24 bpp. Up to two
interfaces may be active at once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com