Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882EK Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PC33882EK
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882EK Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PC33882EK Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33882
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Ranges
Functional Threshold (18)
Full Operation
Logic Supply Voltage
VPWR
VPWR
VDD
4.5
8.0
4.5
5.5
–
5.0
8.0
25
5.5
V
VDD Supply Current (All Outputs ON) (19)
IO = 1.0 A Each
IPWR(ON)
–
–
7.5
mA
Over-voltage Shutdown (20)
VPWR(OV)
30
–
40
V
Over-voltage Shutdown Hysteresis (21)
VPWR(OV)HYS
0.4
–
1.5
V
Power-ON Reset Threshold, VDD (22)
VPOR
2.5
–
3.5
V
Logic Supply Current (All Outputs ON)
VDD = 5.5 V
IDD
–
–
5.0
mA
POWER OUTPUT
Output Drain-to-Source ON Resistance
OUT0 to OUT5: TJ = 150°C, VPWR = 13.0 V, IO = 1.0 A
RDS(ON)
–
0.6
0.8
Ω
Output Drain-to-Source ON Resistance
OUT0 to OUT5: TJ = 25°C, VPWR = 13.0 V, IO = 1.0 A
RDS(ON)
–
0.4
0.6
Ω
Output Self-limiting Current
VPWR = 13.0 V, VDD = 4.5 V, VIN = 5.0 V
IO(LIM)
3.0
–
6.0
A
Open Load OFF Detection (Outputs Programmed OFF)
VOFF(TH)
2.5
–
3.5
V
Output OFF (Open Load Detect) Drain Current (Output Pins
Programmed OFF) (23)
OUT0 to OUT5
OUT6 and OUT7
IO(OFF)
20
20
–
–
120
80
μA
Output ON (Open Load Detect) Drain Current (Output Pins Programmed
ON) (24)
–
20
–
200
mA
Output Clamp Voltage
OUT0 to OUT5: IO = 20 mA, tCLAMP = 100 μs
VOK
48
52
64
V
Output Leakage Current
VDD = VPWR = 0.5 V, VOUT = 24 V
IOLK
–
1.0
10
μA
Drain-to-Source Diode Forward Voltage
ISD = 1.0 mA @ 25 °C
ISD = 1.0 mA @ 125 °C
VSD
–
–
–
–
1.4
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com