Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33882EK Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PC33882EK
Description  Six Output Low Side Switch with SPI and Parallel Input Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33882EK Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PC33882EK Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33882EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
SI Logic High
SIVIH
4.0
–
–
V
SI Logic Low
SIVIL
–
–
2.0
V
CS
and SCLK Logic High
CS
VIH
3.0
–
–
V
CS
and SCLK Logic Low
CS
VIL
–
–
3.0
V
Input Logic High
VIH
3.15
–
–
V
Input Logic Low
VIL
–
–
1.35
V
Input Pull-down Current (25)
VIN = 1.5 V
IIN(PD)
5.0
–
25
μA
Input Pull-up Current (26)
VIN = 3.5 V
IIN(PU)
-25
–
-5.0
μA
SO and High-state Output Voltage
IOH = -1.0 mA
VSOH
3.5
–
–
V
SO and Low-state Output Voltage
IOL = 1.0 mA
VSOL
0
–
0.4
V
SO and Tri-state Leakage Current
CS
= 0.7 VDD, VSO = 0.3 VDD
CS
= 0.7 VDD, VSO = 0.7 VDD
ISOT
-10
–
–
–
–
10
μA
Input Capacitance (27)
0 = VIN = 5.5 V
CIN
–
–
12
pF
SO and Tri-state Capacitance (28)
0 = VIN = 5.5 V
CSOT
–
–
20
pF
Notes
18.
Outputs of device functionally turn-on (RDS(ON) = 0.95 Ω @125 °C). SPI/parallel inputs and power outputs are operational. Fault
detection and reporting may not be fully operational within this range.
19.
Value reflects all outputs ON and equally conducting 1.0 A each. VPWR = 5.5 V, CS = 5.0 V.
20.
An over-voltage condition will cause any enabled outputs to latch OFF (disabled).
21.
This parameter is guaranteed by design; however, it is not production tested.
22.
For VDD less than the Power-ON Reset voltage, all outputs are disabled and the serial fault register is reset to all 0s.
23.
Drain current per output with VPWR = 24 V and VLOAD = 9.0 V.
24.
Drain current per output with VPWR = 13 V, VLOAD = 9.0 V.
25.
Inputs SI, IN0 & IN1, IN2 & IN3, IN4 & IN5, and IN0 to IN7 incorporate active internal pull-down current sinks for noise immunity
enhancement.
26.
The MODE and CS inputs incorporate active internal pull-up current sources for noise immunity enhancement.
27.
This parameter applies to inputs SI, CS, SCLK, MODE, IN0 & IN1, IN2 & IN3, IN4 & IN5, and IN0 to IN7. It is guaranteed by design;
however, it is not production tested.
28.
This parameter applies to the OFF state (tri-stated) condition of SO and is guaranteed by design; however, it is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com