Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33903 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Analog Integrated Circuit Device Data
52
Freescale Semiconductor
33903/4/5
FAIL SAFE OPERATION
BEHAVIOR AT POWER UP AND POWER DOWN
SAFE Mode A Illustration
Figure 33 illustrates the event and consequences when SAFE Mode A is selected via the appropriate debug resistor or SPI
configuration.
RST
VDD
failure event, i.e. watchdog
SAFE
OFF state ON state
8 x 256 ms delay time to enter in SAFE Mode
VDD
RST
SAFE
to evaluate resistor at DBG pin
and monitor ECU external events
1st
8th
2nd
Behavior Illustration for Safe State A (RDG < 6.0 kohm), or Selection by the SPI
step 1: Failure illustration
RST
VDD
failure event, VDD low
SAFE
OFF state ON state
100 ms delay time to enter in SAFE Mode
to evaluate resistor at DBG pin
and monitor ECU external events
VDD_UV TH
100ms
VDD
RST
SAFE
VDD < VDD_UV TH
GND
GND
RST
VDD
failure event, Reset s/c GND
SAFE
OFF state
ON state
100 ms deglitcher time to activate SAFE and
enter in SAFE Mode to evaluate resistor at the DBG pin
and monitor ECU external events
2.5 V
100ms
VDD
RST
SAFE
step 2: Consequence on
VDD, RST and SAFE
Figure 33. SAFE Mode A Behavior Illustration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com