Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33903 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 33903
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33903 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 33903 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33903 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
83
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
FLAGS AND DEVICE STATUS
DESCRIPTION
The table below is a summary of the device flags, I/O real
time level, device Identification, and includes examples of
SPI commands (SPI commands do not use parity functions).
They are obtained using the following commands.
This command is composed of the following:
bits 15 and 14:
• [1 1] for failure flags
• - [0 0] for I/O real time status, device identification and
CAN LIN driver receiver real time state.
• bit 13 to 9 are the register address from which the flags is
to be read.
•bit 8 = 1 (this is not parity bit function, as this is a read
command).
When a failure event occurs, the respective flag is set and
remains latched until it is cleared by a read command
(provided the failure event has recovered).
Table 37. Device Flag, I/O Real Time and Device Identification
Bits
15-14
13-9
8
7
6
5
4
3
2
1
0
MOSI
MOSI bits 15-7
Next 7 MOSI bits (bits 6.0) should be “000_0000”
bits [15,
14]
Address
[13-9]
bit 8
bit
7
MISO
8 Bits Device Fixed Status
(bits 15...8)
MISO bits [7-0], device response on MISO pin
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
REG
11
0_1111
REG
1
0
VAUX_LOW
VAUX_OVER-
CURRENT
5V-CAN_
THERMAL
SHUTDOWN
5V-CAN_
UV
5V-CAN_
OVER-
CURRENT
VSENSE_
LOW
VSUP_
UNDER-
VOLTAGE
IDD-OC-
NORMAL
MODE
11
1
-
-
-
VDD_
THERMAL
SHUTDOWN
RST_LOW
(<100 ms)
VSUP_
BATFAIL
IDD-OC-LP
VDDON
MODE
Hexa SPI commands to get Vreg Flags: MOSI 0x DF 00, and MOSI Ox DF 80
CAN
11
1_0000
CAN
1
0
CAN
Wake-Up
-
CAN Over-
temp
RXD low
Rxd high
TXD dom
Bus Dom
clamp
CAN Over-
current
1
CAN_UF
CAN_F
CANL
to VBAT
CANL to VDD
CANL to
GND
CANH to
VBAT
CANH to VDD
CANH to
GND
Hexa SPI commands to get CAN Flags: MOSI 0x E1 00, and MOSI 0x E1 80
00
1_0000
CAN
1
1
CAN Driver
State
CAN Receiver
State
CAN WU
en/dis
-
-
-
-
-
Hexa SPI commands to get CAN real time status: MOSI 0x 21 80
I/O
11
1_0001
I/O
1
0
HS3 short to
GND
HS2 short to
GND
SPI parity
error
CSB low
>2ms
VSUP/2-UV VSUP/1-OV I/O_O thermal watchdog
flash mode
50%
1
I/O_1-3
Wake-Up
I/O_0-2
Wake-Up
SPI Wake-
Up
FWU
INT service
Timeout
LP VDD OFF Reset request Hardware
Leave Debug
Hexa SPI commands to get I/O Flags and I/O Wake-Up: MOSI 0x E3 00, and MOSI 0x E3 80
00
1_0001
I/O
1
1
I/O_3
state
I/O_2
state
I/O_1 state
I/O_0 state
Hexa SPI commands to get I/O real time level: MOSI 0x 23 80
INT
11
1_0010
Interrupt
1
0
INT request
RST high
DBG resistor
VDD temp
Pre-warning
VDD UV
VDD Over-
voltage
VAUX_OVER-
VOLTAGE
-
1
-
-
-
VDD low
>100 ms
VDD low RST
RST low
>100 ms
multiple
Resets
watchdog
refresh
failure
Hexa SPI commands to get INT Flags: MOSI 0x E5 00, and MOSI 0x E5 80
00
1_0010
Interrupt
1
1
VDD (5.0 V or
3.3 V)
device
p/n 1
device
p/n 0
id4
id3
id2
id1
id0
Hexa SPI commands to get device Identification: MOSI 0x 25 10
example: MISO bit [7-0] = 1011 0010: MC33904, 5.0 V version, silicon pass 3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com