Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8531U Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 2Page - NXP Semiconductors PCF8531U Datasheet HTML 3Page - NXP Semiconductors PCF8531U Datasheet HTML 4Page - NXP Semiconductors PCF8531U Datasheet HTML 5Page - NXP Semiconductors PCF8531U Datasheet HTML 6Page - NXP Semiconductors PCF8531U Datasheet HTML 7Page - NXP Semiconductors PCF8531U Datasheet HTML 8Page - NXP Semiconductors PCF8531U Datasheet HTML 9Page - NXP Semiconductors PCF8531U Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
6 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
[1]
Die size including saw lane of 70
μm.
6.2 Pin description
Fig 4.
Chip dimensions
Table 4.
Bonding pad dimensions
Pad
Size
Unit
pad pitch (minimum)
70
μm
bump dimensions
50
× 90 × 17.5 (±3)
μm
wafer thickness (excluding bumps)
381
μm
die size L
× W
12.14
× 1.86[1]
mm
001aag908
X
Y
L
pitch
W
PCF8531
Table 5.
Bonding pad description
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2).
Symbol
Pad
X (
μm)
Y (
μm)
Description
-
1
5973.6
−821.7
dummy
-
2
5969.5
823.4
-
3
5899.5
823.4
-
4
5829.5
823.4
-
5
5479.5
823.4
-
6
5409.5
823.4
-
7
5059.5
823.4
-
8
4989.5
823.4
-
9
4639.5
823.4
-
10
4569.5
823.4
-
11
4219.5
823.4
-
12
4149.5
823.4
-
13
3799.5
823.4
-
14
3729.5
823.4
OSC
15
3449.5
823.4
oscillator input
[1]
VLCDSENSE
16
3169.5
823.4
voltage multiplier regulation input (VLCD) [2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com