| Electronic Components Datasheet Search |
|
PCF8531U2D Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531U2D Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 51 page ![]() PCF8531 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 16 May 2011 21 of 51 NXP Semiconductors PCF8531 34 x 128 pixel matrix driver 9.2 Function set 9.2.1 PD When PD = 1, the power-down mode of the LCD driver is active: • All LCD outputs at VSS (display off) • Power-On Reset (POR) detection active, oscillator off • VLCD can be disconnected • I2C-bus is operational, commands can be executed • RAM contents not cleared; RAM data can be written • Register settings remain unchanged 9.2.2 V When V = 0 the horizontal addressing is selected. The data is written into the DDRAM as shown in Figure 10. When V = 1 the vertical addressing is selected. The data is written into the DDRAM as shown in Figure 9. Icon data is written independently of V when Y address is 5. 9.3 Set Y address Bits Y2, Y1, and Y0 define the Y address vector of the display RAM (see Table 6). 9.4 Set X address The X address points to the columns. The range of X is 0 to 127 (7Fh). 9.5 Set multiplex rate M[1:0] selects the multiplex rate (see Table 7). 9.6 Display control (D, E, and IM) Bits D and E select the display mode (see Table 13). Bit IM (see Table 12) sets the display to icon mode. Table 6. Y address Y2 Y1 Y0 Bank 0000 0011 0102 0113 1004 1015 (icons) Table 7. Multiplex rates Multiplex rate M1 M0 1:17 0 0 1:26 1 0 1:34 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |