Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8531U2D Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8531U2D
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U2D Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8531U2D Datasheet HTML 35Page - NXP Semiconductors PCF8531U2D Datasheet HTML 36Page - NXP Semiconductors PCF8531U2D Datasheet HTML 37Page - NXP Semiconductors PCF8531U2D Datasheet HTML 38Page - NXP Semiconductors PCF8531U2D Datasheet HTML 39Page - NXP Semiconductors PCF8531U2D Datasheet HTML 40Page - NXP Semiconductors PCF8531U2D Datasheet HTML 41Page - NXP Semiconductors PCF8531U2D Datasheet HTML 42Page - NXP Semiconductors PCF8531U2D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
39 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
15. Application information
15.1 Typical system configuration
The host microprocessor/microcontroller and the PCF8531 are both connected to the
I2C-bus. The SDA and SCL lines must be connected to the positive power supply via
pull-up resistors. The internal oscillator requires no external components. The appropriate
intermediate biasing voltage for the multiplexed LCD waveforms are generated on-chip.
The only other connections required to complete the system are to the power supplies
(VDD, VSS, and VLCD) and suitable capacitors for decoupling VLCD and VDD.
15.2 Power supply connections for internal VLCD generation
Fig 29. Typical system configuration
mgs483
HOST
MICROPROCESSOR/
MICROCONTROLLER
LCD PANEL
VSS1,
VSS2
VSS
VDD(I2C)
VLCD
VDD1 to VDD3
VSS1, VSS2
SDA
SCL
PCF8531
Rpu
Rpu
RES
128 column drivers
34 row drivers
Fig 30. Recommended VDD connections for internal VLCD generation
VDD1
VDD2
VDD3
VSS1
VSS2
GND
1.8 V (1.9 V) to 5.5 V
2.5 V to 4.5 V
013aaa354
1
μF
1
μF
VDD1
VDD2
VDD3
VSS1
VSS2
GND
2.5 V to 4.5 V
013aaa355
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com