Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5404 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5404
Description  SMALL SIGNAL PNP TRANSISTORS IN TO-5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5404 Datasheet(HTML) 1 Page - Seme LAB

  2N5404 Datasheet HTML 1Page - Seme LAB 2N5404 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5404
2N5405
2N5406
2N5407
Prelim.8/98
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
APPLICATIONS
Small signal PNP transistors for relay
switching resistor logic circuits and
general purpose applications.
BVCBO
Collector – Base Breakdown Voltage
BVCEO
Collector – Emitter Breakdown Voltage
BVEBO
Emitter – Base Breakdown Voltage
IC(Max)
Collector Current
IB(Max)
Base Current
PTOT
Total Power Dissipation (100°C Case)
TSTG , TJ
Operating and Storage Temperature
Range
– 80V
– 80V
– 6V
– 5A
– 2A
5W
– 100V
– 100V
–6V
-5A
– 2A
5W
– 80V
– 80V
– 6V
– 5A
– 2A
5W
– 100V
– 100V
–6V
-5A
– 2A
5W
MECHANICAL DATA
Dimensions in mm
0.89
(0.035)
max.
38.1
(1.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45
1
2
3
TO-5
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SMALL SIGNAL
PNP TRANSISTORS
IN TO-5
Pin1 - Emitter
Pin2 - Base
Pin3 - Collector
2N5404
2N5405
2N5406
2N5407
– 65°C to +200°C


Similar Part No. - 2N5404

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5404 SEME-LAB-2N5404 Datasheet
57Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
logo
New Jersey Semi-Conduct...
2N5404 NJSEMI-2N5404 Datasheet
133Kb / 2P
PNP POWER TRANSISTORS
logo
Seme LAB
2N5404 SEME-LAB-2N5404_01 Datasheet
57Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
More results

Similar Description - 2N5404

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY39A SEME-LAB-BCY39A Datasheet
14Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
CV7342 SEME-LAB-CV7342 Datasheet
15Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
logo
Seme LAB
2N5404 SEME-LAB-2N5404_01 Datasheet
57Kb / 2P
SMALL SIGNAL PNP TRANSISTORS IN TO-5
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com