Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5404 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5404
Description  SMALL SIGNAL PNP TRANSISTORS IN TO-5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5404 Datasheet(HTML) 2 Page - Seme LAB

  2N5404 Datasheet HTML 1Page - Seme LAB 2N5404 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCE =BVCEO VBE = 1.5V
VCE =BVCEO VBE = 1.5V
TC = 150°C
IC = –100mAIB = 0
IC = –100mAIB = 0
VCE = – 50VIC = 0
VEB = – 4V IC = 0
IC = – 2A
VCE = – 5V
IC = – 2A
VCE = – 5V
IC = – 2A
IB = – 0.2A
IC = – 2A
IB = – 0.2A
VCB = – 10Vf = 1MHz
VCE = – 5V IC = – 0.2A
IC = – 2A
IB1 = – IB2 = 0.2A
IC = – 2A
IB1 = – IB2 = 0.2A
IC = – 2A
IB1 = – IB2 = 2A
IC = –2A
IB1 = – IB2 = 2A
IC = –2A
IB1 = – IB2 = 2A
2N5404
2N5405
2N5406
2N5407
Prelim.8/98
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
– 10
– 500
-80
–100
–100
–1
20
60
40
120
–0.6
–1.2
150
40
0.5
0.75
1
0.2
0.3
ICEX
VCEO(SUS)
ICEO
IEBO
hFE
VCE(SAT)
VBE(SAT)
COBO
ft
tr
ts
tf
Collector Cut-Off Current
Collector-Emitter Sustaining Voltage
With Base Open
Collector Cut-Off Current
Common Emitter, Small-Signal Value
of the Short-Circuit Forward Current
Transfer Ratio (f = 1KHz)
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Collector Base Capacitance
Transistion Frequency
Rise Time
Storage time
Fall Time
µA
V
µA
µA
–
V
V
pf
MHz
µ
µ
µ
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%
DYNAMIC CHARACTERISTICS
2N5404
2N5406
2N5405
2N5407
2N5404
2N5405
2N5404
2N5405
2N5404
2N5405
2N5406
2N5407
2N5406
2N5407
2N5406
2N5407



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com