Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC108 Datasheet(PDF) 1 Page - Seme LAB

Part # BC108
Description  GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC108 Datasheet(HTML) 1 Page - Seme LAB

  BC108 Datasheet HTML 1Page - Seme LAB BC108 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC107
BC108
BC109
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
3/99
GENERAL PURPOSE
SMALL SIGNAL
NPN BIPOLAR TRANSISTOR
FEATURES
• SILICON NPN
• HERMETICALLY SEALED TO18
• SCREENING OPTIONS AVAILABLE
VCBO
Collector – Base Continuous Voltage
BC017
BC108, BC109
VCEO
Collector – Emitter Continuous Voltage With Zero Base Current BC107
BC108, BC109
VCES
Collector – Emitter Continuous Voltage With Base Shortcircuited to Emitter
BC107
BC108, BC109
VEBO
Emitter – Base Continuous Voltage Reverse Voltage
BC107
BC108, BC109
IC
Continuous Collector Current
ICM
Peak Collector Current
Ptot
Power Dissipation @ Tamb = 25°C
Tamb
Ambient Operating Temperature Range
Tstg
Storage Temperature Range
50V
30V
45V
20V
50V
30V
6V
5V
100mA
200mA
300mW
-65 to +175°C
-65 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–18 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - BC108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC108 PHILIPS-BC108 Datasheet
49Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
STMicroelectronics
BC108 STMICROELECTRONICS-BC108 Datasheet
69Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
logo
Siemens Semiconductor G...
BC108 SIEMENS-BC108 Datasheet
263Kb / 8P
npn sisicon transistor
logo
NXP Semiconductors
BC108 PHILIPS-BC108 Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Micro Electronics
BC108 MICRO-ELECTRONICS-BC108 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N718A FAIRCHILD-2N718A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
MPS2924 FAIRCHILD-MPS2924 Datasheet
41Kb / 1P
NPN Small Signal General Purpose Amplifier
MPS3392 FAIRCHILD-MPS3392 Datasheet
661Kb / 16P
NPN Small Signal General Purpose Amplifiers
PN5135 FAIRCHILD-PN5135 Datasheet
320Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
TAITRON Components Inco...
2N4400 TAITRON-2N4400 Datasheet
218Kb / 4P
Small Signal General Purpose Transistors (NPN)
logo
New Jersey Semi-Conduct...
2N3567 NJSEMI-2N3567 Datasheet
143Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
2N3700 NJSEMI-2N3700 Datasheet
130Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Inchange Semiconductor ...
BC109 ISC-BC109 Datasheet
257Kb / 2P
isc General Purpose NPN Small Signal Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com