Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8420ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8420ARMZ
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8420ARMZ Datasheet HTML 2Page - Analog Devices AD8420ARMZ Datasheet HTML 3Page - Analog Devices AD8420ARMZ Datasheet HTML 4Page - Analog Devices AD8420ARMZ Datasheet HTML 5Page - Analog Devices AD8420ARMZ Datasheet HTML 6Page - Analog Devices AD8420ARMZ Datasheet HTML 7Page - Analog Devices AD8420ARMZ Datasheet HTML 8Page - Analog Devices AD8420ARMZ Datasheet HTML 9Page - Analog Devices AD8420ARMZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD8420
Preliminary Technical Data
Rev. PrD | Page 8 of 8
THEORY OF OPERATION
–IN
+IN
REF
FB
V
I
V
I
VOUT
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
+VS
–VS
+VS
–VS
R2
R1
A1
A2
A3
VBIAS
Figure 3. Simplified Schematic
ARCHITECTURE
The AD8420 consists of three amplifiers: two matched
transconductance amplifiers that convert voltage to current and
one integrator amplifier that converts current to voltage.
The AD8420 works as follows: assume a differential voltage is
applied across inputs +IN and -IN. This input voltage is
converted into a current by Amplifier A1. This will create a
difference in current between A1 and A2, which is fed into A3.
A3’s output voltage will change until A2 sinks all the current A1
is generating. Because the gain of A1 and A2 are matched, this
means the differential input voltage across A1 will appear across
the inputs of A2. Gain is set by the ratio of R2 to R1.
Because the AD8420 converts the input differential signals to a
current, there are no internal headroom issues as with
traditional instrumentation amplifier architectures. This is
particularly important when amplifying a signal with a
common mode voltage near one of the supply rails.
To improve robustness and ease of use, the AD8420 includes
overvoltage protection on its inputs. This protection scheme
allows input voltages well beyond the supply rails (as well as
wide differential input voltages) without damaging the part.
SETTING THE GAIN
The transfer function of the AD8420 is
VOUT = G(VIN+ − VIN−) + VREF
where:
1
R2
1
R
G
+
=
Table 7. Suggested Resistors for Various Gains - 1% Resistors
R1 (kΩ)
R2 (kΩ)
Gain
none
short
1.00
49.9
49.9
2.00
20
80.6
5.03
10
90.9
10.09
5
95.3
20.06
2
97.6
49.8
1
100
101
1
200
201
1
499
500
1
1000
1001
While the ratio of R2 to R1 sets the gain, the absolute value of
the resistors is up to the designer. Larger values reduce power
consumption and output loading; smaller values limit FB input
bias current error.
A method that allows large value feedback resistors while
limiting FB bias current error is to place a resistor of value
R1||R2 in series with the REF terminal as shown in Figure 4. At
higher gains, this resistor can simply be the same value as R1.
–IN
+IN
VREF
R2
R1
G = 1+
R2
R1
AD8420
VOUT
REF
FB
R1||R2
Figure 4. Cancelling Out Error from FB Input Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com