Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8420ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8420ARMZ
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8420ARMZ Datasheet HTML 1Page - Analog Devices AD8420ARMZ Datasheet HTML 2Page - Analog Devices AD8420ARMZ Datasheet HTML 3Page - Analog Devices AD8420ARMZ Datasheet HTML 4Page - Analog Devices AD8420ARMZ Datasheet HTML 5Page - Analog Devices AD8420ARMZ Datasheet HTML 6Page - Analog Devices AD8420ARMZ Datasheet HTML 7Page - Analog Devices AD8420ARMZ Datasheet HTML 8Page - Analog Devices AD8420ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wide Supply Range, Rail-to-Rail Output
Instrumentation Amplifier
Preliminary Technical Data
AD8420
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Gain set with 2 external resistors
Gain range: 1 to 1000
Input voltage goes below ground
Very wide power supply range
Single supply: 2.7V to 36V
Dual supply: +/-2.7V to+/-18V
Bandwidth (G=100): 2.5 kHz
Input noise: 50 nV/√Hz
Max supply current: 90 µA
Max offset voltage: 200 uV
Max differential input voltage: 1V
Min CMRR: 100 dB
MSOP-8 package
APPLICATIONS
Bridge amplifiers
Pressure Measurement
Medical instrumentation
Portable data acquisition
Multichannel systems
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
–IN
1
NC
2
3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8420
FB
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General
Purpose
Zero
Drift
Military
Grade
Low
Power
Digital
Gain
AD8221/2
AD8231
AD620
AD8420
AD8250
AD8220/4
AD8290
AD621
AD8235/6
AD8251
AD8228
AD8293
AD524
AD627
AD8253
AD8295
AD8553
AD526
AD8226/7
AD8231
AD8556
AD624
AD623
AD8557
AD8223
1
See www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8420 is a low cost, wide supply range amplifier that uses
two resistors to set any gain between 1 and 1000. It is optimized
to amplify small differential voltages in the presence of large
common mode signals.
The AD8420 is based on a current mode architecture that gives
it excellent input common mode range. Unlike conventional
instrumentation amplifiers, the AD8420 can easily amplify
signals at or even slightly below ground without requiring dual
supplies. The AD8420 has a full rail to rail output, and the
output voltage is completely independent of the input common
mode voltage.
The AD8420 can operate off both single or dual supplies. It
works well for a portable system with a limited single supply
voltage and equally well for a system using large dual supplies.
Gain is set using the ratio of two resistors. A reference pin
allows the user to offset the output voltage. This feature is useful
when the output signal needs to be centered around a specific
voltage, such as mid-supply.
The AD8420 is available in an 8 pin MSOP package.
Performance is specified over the full temperature range of
−40°C to +85°C. Part is operational from −40°C to +125°C


Similar Part No. - AD8420ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8420ARMZ AD-AD8420ARMZ Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8420ARMZ AD-AD8420ARMZ Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8420ARMZ-R7 AD-AD8420ARMZ-R7 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8420ARMZ-R7 AD-AD8420ARMZ-R7 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8420ARMZ-RL AD-AD8420ARMZ-RL Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
More results

Similar Description - AD8420ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com