Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 296 page
background image
ADAU1373
Rev. 0 | Page 62 of 296
Table 23. Bit Map of Register 0xBE, EQ_CTRL1
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
EQ_UPDING
EQ_UPD_CLR
EQ_FORMAT
EQ_UPD
EQ_WR_EN
Table 24. Bit Descriptions for Register 0xBE, EQCTRL1
Bit Name
Description
Bit Settings
EQ_UPDING
EQ coefficient update status
0: EQ coefficient update is complete or no update
1: EQ coefficient updating
EQ_UPD_CLR
EQ coefficient update cancel
0: normal operation
1: cancel/interrupt EQ coefficient update
EQ_FORMAT
EQ coefficient format selection
0: normal operation
1: large gain
EQ_UPD
EQ coefficient registers update flag
1: update
0: no update
EQ_WR_EN
EQ coefficient read/write enable
1: EQ coefficient read/write enable
0: EQ coefficient read/write disable
Table 25. Bit Map of Register 0xBF, EQ_CTRL2
D7
D6
D5
D4
D3
D2
D1
D0
EQEN
EQBP7
EQBP6
EQBP5
EQBP4
EQBP3
EQBP2
EQBP1
Table 26. Bit Descriptions for Register 0xBF, EQCTRL2
Bit Name
Description
Bit Settings
EQEN
EQ enable
1: EQ enabled
0: EQ disabled
EQBP7
EQ Band 7 bypass when EQ enabled
1: bypass EQ Band 7
0: no bypass
EQBP6
EQ Band 6 bypass when EQ enabled
1: bypass EQ Band 6
0: no bypass
EQBP5
EQ Band 5 bypass when EQ enabled
1: bypass EQ Band 5
0: no bypass
EQBP4
EQ Band 4 bypass when EQ enabled
1: bypass EQ Band 4
0: no bypass
EQBP3
EQ Band 3 bypass when EQ enabled
1: bypass EQ Band 3
0: no bypass
EQBP2
EQ Band 2 bypass when EQ enabled
1: bypass EQ Band 2
0: no bypass
EQBP1
EQ Band 1 bypass when EQ enabled
1: bypass EQ Band 1
0: no bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com