Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 296 page
background image
ADAU1373
Rev. 0 | Page 72 of 296
I2C Read and Write Operations
Figure 119 shows the format of a single-word write operation.
Every ninth clock pulse, the ADAU1373 issues an acknowledge
by pulling SDA low.
Figure 120 shows the format of a burst mode write sequence. This
figure shows an example of a write to sequential single-byte
registers. The ADAU1373 increments its subaddress register
after every byte because the requested subaddress corresponds
to a register or memory area with a 1-byte word length.
Figure 121 shows the format of a single-word read operation.
Note that the first R/W bit is set to 0, indicating a write
operation. This is because the subaddress still needs to be
written to set up the internal address. After the ADAU1373
acknowledges the receipt of the subaddress, the master must issue
a repeated start command, followed by the chip address byte with
the R/W bit set to 1 (read). This causes the ADAU1373 SDA to
reverse and begin driving data back to the master. The master
then responds every ninth pulse with an acknowledge pulse to
the ADAU1373.
Figure 122 shows the format of a burst mode read sequence.
This figure shows an example of a read from sequential single-
byte registers. The ADAU1373 increments its subaddress register
after every byte because the requested subaddress corresponds
to a register or memory area with a 1-byte word length. The
ADAU1373 always decodes the subaddress and sets the auto-
increment circuit so that the address increments after the
appropriate number of bytes.
Figure 119 to Figure 122 use the abbreviations shown in Table 33.
Table 33. Abbreviations for Read/Write Operations Format
Abbreviation
Description
S
Start bit
P
Stop bit
AM
Acknowledgment by master
AS
Acknowledgment by slave
S
DEVICE ADDRESS,
R/W = 0
AS
REGISTER ADDRESS
DATA BYTE
P
AS
Figure 119. Single-Word I2C Write Format
S
DEVICE ADDRESS,
R/W = 0
AS
REGISTER ADDRESS
DATA BYTE 1
DATA BYTE 2
AS
AS
DATA BYTE 3
AS
Figure 120. Burst Mode I2C Write Format
DEVICE ADDRESS
S
DEVICE ADDRESS,
R/W = 0
AS
REGISTER ADDRESS
DATA BYTE
AS
AS
S
AM
Figure 121. Single-Word I2C Read Format
DEVICE ADDRESS
S
DEVICE ADDRESS,
R/W = 0
AS
REGISTER ADDRESS
DATA BYTE 1
AS
AS
S
AM
DATA BYTE 2
...
AM
P
Figure 122. Burst Mode I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com