Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4605 Datasheet(PDF) 21 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN4605 Datasheet HTML 17Page - Analog Devices ADN4605 Datasheet HTML 18Page - Analog Devices ADN4605 Datasheet HTML 19Page - Analog Devices ADN4605 Datasheet HTML 20Page - Analog Devices ADN4605 Datasheet HTML 21Page - Analog Devices ADN4605 Datasheet HTML 22Page - Analog Devices ADN4605 Datasheet HTML 23Page - Analog Devices ADN4605 Datasheet HTML 24Page - Analog Devices ADN4605 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ADN4605
Rev. 0 | Page 21 of 56
0
20
40
60
80
100
0
12345
DATA RATE (Gbps)
EQ = 3dB
EQ = 6dB
EQ = 12dB
Figure 22. Deterministic Jitter vs. Data Rate
0
20
40
60
80
100
2.25
2.50
2.75
3.00
3.25
3.50
3.75
SUPPLY VOLTAGE (V)
EQ = 3dB
EQ = 6dB
EQ = 12dB
Figure 23. Deterministic Jitter vs. Supply Voltage
0
20
40
60
80
100
–40
–15
103560
8
TEMPERATURE (°C)
5
EQ = 3dB
EQ = 6dB
EQ = 12dB
Figure 24. Deterministic Jitter vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
01
234
5
DATA RATE (Gbps)
Figure 25. Eye Height vs. Data Rate
0
100
200
300
400
500
600
700
800
900
1000
2.25
2.50
2.75
3.00
3.25
3.50
3.75
SUPPLY VOLTAGE (V)
Figure 26. Eye Height vs. Supply Voltage
0
100
200
300
400
500
600
700
800
900
1000
–40
–15
10
35
60
85
TEMPERATURE (°C)
EQ = 3dB
EQ = 6dB
EQ = 12dB
Figure 27. Eye Height vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com