Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4605 Datasheet(PDF) 33 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADN4605 Datasheet HTML 29Page - Analog Devices ADN4605 Datasheet HTML 30Page - Analog Devices ADN4605 Datasheet HTML 31Page - Analog Devices ADN4605 Datasheet HTML 32Page - Analog Devices ADN4605 Datasheet HTML 33Page - Analog Devices ADN4605 Datasheet HTML 34Page - Analog Devices ADN4605 Datasheet HTML 35Page - Analog Devices ADN4605 Datasheet HTML 36Page - Analog Devices ADN4605 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
ADN4605
Rev. 0 | Page 33 of 56
I2C SERIAL CONTROL INTERFACE
The ADN4605 register set is controlled through a 2-wire I2C
interface. To access the I2C serial interface, both the SER/PAR
line and I2C/SPI lines must be held at logic high. The ADN4605
acts only as an I2C slave device. Therefore, the I2C bus in the
system needs to include an I2C master to configure the
and other I2C devices that may be on the bus.
ADN4605
The ADN4605 I2C interface can be run in the standard
(100 kHz) and fast (400 kHz) modes. The SDA line only
changes value when the SCL pin is low with two exceptions.
To indicate the beginning or continuation of a transfer, the
SDA pin is driven low while the SCL pin is high; to indicate
the end of a transfer, the SDA line is driven high while the
SCL line is high. Therefore, it is important to control the
SCL clock to toggle only when the SDA line is stable unless
indicating a start, repeated start, or stop condition. To establish
I2C communication with the ADN4605, parallel address lines
(ADDR[7:1]) need to be configured to the user-assigned I2C
device address as shown in Table 17.
Table 17. Example of I2C Device Address Assignment
A7
A6
A5
A4
A3
A2
A1
A0
I2C Device Address
1
0
0
1
0
0
0
X
0x90
1
0
0
1
0
0
1
X
0x92
1
0
0
1
0
1
0
X
0x94
1
0
0
1
0
1
1
X
0x96
I2C DATA WRITE
To write data to the ADN4605 register set, a microcontroller, or
any other I2C master, must send the appropriate control signals
to the ADN4605 slave device. The steps to be followed are listed
below; the signals are controlled by the I2C master unless other-
wise specified. A diagram of the procedure is shown in Figure 46.
1.
Send a start condition (while holding the SCL line high,
pull the SDA line low).
2.
Send the ADN4605 part address (seven bits) whose bits are
controlled by the input pins ADDR[7:1]. This transfer
should be MSB first.
3.
Send the write indicator bit (0).
4.
Wait for the ADN4605 to acknowledge the request.
5.
Send the register address (eight bits) to which data is to be
written. This transfer should be MSB first.
6.
Wait for the ADN4605 to acknowledge the request.
7.
Send the data (eight bits) to be written to the register
whose address was set in Step 5. This transfer should be
MSB first.
8.
Wait for the ADN4605 to acknowledge the request.
9.
Do one or more of the following:
a.
Send a stop condition (while holding the SCL line high,
pull the SDA line high) and release control of the bus.
b.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 2 of the write procedure (see the I2C Data
Write section) to perform a write.
c.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 2 of this procedure to perform a read from
another address.
d.
Send a repeated start condition (while holding the
SCL line high, pull the SDA line low) and continue
with Step 8 of this procedure to perform a read from
the same address.
The ADN4605 write process is shown in Figure 46. The SCL
signal is shown along with a general write operation and a
specific example. In the example, Data 0x4B is written to
Address 0x6D of an ADN4605 part with a part address of 0x92.
The ADN4605 device address selections are more flexible than
shown. It is important to note that the SDA line only changes
when the SCL line is low, except for the case of sending a start,
stop, or repeated start condition, Step 1 and Step 9 in this case.
START
R/W ACK
ACK
ACK
STOP
DATA
ADDR
[1:0]
b10010
REGISTER ADDR
SCL
SDA
SDA
EXAMPLE
1
2
2
3
4
5
6
7
8
9a
Figure 46. I2C Write Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com