Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP194 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP194 Datasheet HTML 3Page - Analog Devices ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices ADP194 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP194
Rev. 0 | Page 7 of 12
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
Figure 10. Shutdown Current vs. Temperature, VOUT Open
0.01
0.1
1
10
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
Figure 11. Shutdown Current vs. Temperature, VOUT = 0 V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
Figure 12. IOUT Shutdown Current vs. Temperature, VOUT = 0 V
0.1
1
10
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 13. Reverse Shutdown Current vs. Temperature, VOUT = 0 V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
VIN = 1.1V
VIN = 1.5V
VIN = 1.8V
VIN = 2.4V
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
Figure 14. IOUT Reverse Current vs. Temperature, VOUT = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com