Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP194 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP194
Description  Logic Controlled, High-Side Power Switch Low RDSON of 80 m廓 at 1.8 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP194 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP194 Datasheet HTML 4Page - Analog Devices ADP194 Datasheet HTML 5Page - Analog Devices ADP194 Datasheet HTML 6Page - Analog Devices ADP194 Datasheet HTML 7Page - Analog Devices ADP194 Datasheet HTML 8Page - Analog Devices ADP194 Datasheet HTML 9Page - Analog Devices ADP194 Datasheet HTML 10Page - Analog Devices ADP194 Datasheet HTML 11Page - Analog Devices ADP194 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP194
Rev. 0 | Page 10 of 12
TIMING
Turn-on delay is defined as the delta between the time that EN
reaches >1.1 V until VOUT rises to ~10% of its final value. The
ADP194 includes circuitry to set the typical 1.5 μs turn-on delay
at 3.6 V VIN to limit the VIN inrush current. As shown in Figure 20,
the turn-on delay is dependent on the input voltage.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2040
6080
10
TIME (µs)
0
VEN
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
Figure 20. Typical Turn-On Delay Time with Varying Input Voltage
The rise time of VOUT is defined as the time delta between the
10% and 90% points of VOUT as it transitions to its final value.
It is dependent on the RC time constant where C = load capacit-
ance (CLOAD) and R = RDSON||RLOAD. Because RDSON is usually
smaller than RLOAD, an adequate approximation for RC is RDSON ×
CLOAD. The ADP194 does not need any input or load capacitor,
but capacitors can be used to suppress noise on the board. If
significant load capacitance is connected, inrush current may
be a concern.
CH1 500mV BW
CH3 1.00V BW
A CH3
400mV
2
1
3
CH2 200mA Ω BW M20.0µs
T 10.00%
VEN
VOUT
LOAD CURRENT
Figure 21. Typical Rise Time and Inrush Current with VIN = 1.8 V, CLOAD = 1 μF
CH1 1.00V BW
CH3 1.00V BW
CH2 200mA Ω BW M4.00µs
A CH3
400mV
2
1
3
T 10.00%
VOUT
VEN
LOAD CURRENT
Figure 22. Typical Rise Time and Inrush Current with VIN = 3.6 V, CLOAD = 1 μF
The fall time or turn-off time of VOUT is defined as the time
delta between the 90% and 10% points of VOUT as it transi-
tions to its final value. The turn-off time is also dependent on
the RC time constant.
CH1 500mV BW
CH3 1.00V BW
CH2 200mA Ω BW M2.00µs
A CH3
400mV
2
1
3
T 10.00%
VOUT
VEN
LOAD CURRENT
Figure 23. Typical Turn-Off Time, VIN = 1.8 V, RLOAD = 3.6 Ω
CH1 1.00V BW
CH3 1.00V BW
CH2 200mA Ω BW M2.00µs
A CH3
400mV
2
1
3
T 10.00%
VOUT
VEN
LOAD CURRENT
Figure 24. Typical Turn-Off Time, VIN = 3.6 V, RLOAD = 7.5 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com