Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP197 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 1 Page - Analog Devices

  ADP197 Datasheet HTML 1Page - Analog Devices ADP197 Datasheet HTML 2Page - Analog Devices ADP197 Datasheet HTML 3Page - Analog Devices ADP197 Datasheet HTML 4Page - Analog Devices ADP197 Datasheet HTML 5Page - Analog Devices ADP197 Datasheet HTML 6Page - Analog Devices ADP197 Datasheet HTML 7Page - Analog Devices ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V, 3 A Logic Controlled
High-Side Power Switch
ADP197
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low RDSON of 12 mΩ
Low input voltage range: 1.8 V to 5.5 V
3 A continuous operating current at 70°C
1.2 V logic compatible enable input
Low 18 μA quiescent current, VIN < 3 V
Low 30 μA quiescent current, VIN = 5 V
Overtemperature protection
Ultralow shutdown current: <1 μA
Ultrasmall 1.0 mm × 1.5 mm, 6-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
TYPICAL APPLICATIONS CIRCUIT
GND
EN
LOAD
VIN
VOUT
ADP197
CHARGE PUMP
AND
SLEW RATE
CONTROL
OFF
ON
+
–
OVERTEMPERATURE
PROTECTION
Figure 1.
GENERAL DESCRIPTION
The ADP197 is a high-side load switch designed for operation
between 1.8 V and 5.5 V. This load switch provides power domain
isolation, helping extended power domain isolation. The device
contains a low on-resistance, N-channel MOSFET that supports
more than 3 A of continuous current and minimizes power loss.
The low 18 μA quiescent current and ultralow shutdown current
make the ADP197 ideal for battery-operated portable equipment.
The built-in level shifter for enable logic makes the ADP197
compatible with many processors and GPIO controllers.
Overtemperature protection circuitry activates if the junction
temperature exceeds 125°C, thereby protecting itself and
downstream circuits from potential damage.
In addition to operating performance, the ADP197 occupies
minimal printed circuit board (PCB) space with an area of less
than 1.5 mm2 and a height of 0.60 mm.
The ADP197 is available in an ultrasmall, 1 mm × 1.5 mm,
6-ball, 0.5 mm pitch WLCSP.


Similar Part No. - ADP197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972-EVALZ AD-ADP1972-EVALZ Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972ARUZ-R7 AD-ADP1972ARUZ-R7 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972ARUZ-RL AD-ADP1972ARUZ-RL Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
Bidirectional, Synchronous PWM Controller for Battery Test and Formation
9/15-Revision 0
More results

Similar Description - ADP197

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com