Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP197 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 3 Page - Analog Devices

  ADP197 Datasheet HTML 1Page - Analog Devices ADP197 Datasheet HTML 2Page - Analog Devices ADP197 Datasheet HTML 3Page - Analog Devices ADP197 Datasheet HTML 4Page - Analog Devices ADP197 Datasheet HTML 5Page - Analog Devices ADP197 Datasheet HTML 6Page - Analog Devices ADP197 Datasheet HTML 7Page - Analog Devices ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP197
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VIN = 1.8 V, VEN = VIN, IOUT = 1 A, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
1.8
5.5
V
EN INPUT
EN Input
VIH
VIN = 1.8 V to 5.5 V
1.2
V
VIL
VIN = 1.8 V to 5.5 V
0.4
V
EN Input Pull-Down Current
IEN
VIN = 1.8 V
500
nA
CURRENT
Ground Current
IGND
VIN = 1.8 V
18
μA
VIN = 3.4 V
14
μA
VIN = 4.2 V, TJ = −40°C to +85°C
18
30
μA
VIN = 5.5 V
28
μA
Off State Current
IOFF
VEN = GND, VOUT = 0 V, VIN = 4.2 V
0.1
μA
VEN = GND, TJ = −40°C to +85°C, VOUT = 0 V, VIN = 1.8 V to 5.5 V
20
μA
Continuous Operating Current1
IOUT
VIN = 1.8 V to 5.5 V
3
A
VIN TO VOUT RESISTANCE
RDSON
VIN = 5.5 V
0.012
Ω
VIN = 4.2 V
0.012
Ω
VIN = 1.8 V
0.012
Ω
VIN = 1.8 V, TJ = −40°C to +85°C
0.012
0.017
Ω
VOUT TURN-ON DELAY TIME
See Figure 2
Turn-On Delay Time
tON_DLY
VIN = 1.8 V to 5.5 V, CLOAD = 1 μF
1
ms
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
125
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
1 At an ambient temperature of 85°C, the part can withstand a continuous current of 2.22 A. At a load current of 3 A, the operational lifetime derates to 2190 hours.
TIMING DIAGRAM
VEN
VOUT
TURN-ON
RISE
90%
10%
TURN-OFF
DELAY
TURN-OFF
FALL
TURN-ON
DELAY
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com