Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2127 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 3 Page - Analog Devices

  ADP2127 Datasheet HTML 1Page - Analog Devices ADP2127 Datasheet HTML 2Page - Analog Devices ADP2127 Datasheet HTML 3Page - Analog Devices ADP2127 Datasheet HTML 4Page - Analog Devices ADP2127 Datasheet HTML 5Page - Analog Devices ADP2127 Datasheet HTML 6Page - Analog Devices ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP2126/ADP2127
Rev. A | Page 3 of 20
SPECIFICATIONS
VIN = 3.6 V, TA = 25°C for typical specifications, and TA = TJ = −40°C to +85°C for minimum and maximum specifications, unless
otherwise noted. All specifications at temperature extremes are guaranteed via correlation using the standard statistical quality control
(SQC) methods. Typical specifications are not guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Operating Input Voltage Range
VIN
2.1
5.5
V
PWM Mode Quiescent Current
No load, VMODE = VIN
12
mA
Auto Mode Quiescent Current
No load, VMODE = 0 V, VFB > VOUT, SW = open
300
500
μA
Shutdown Current1
VEXTCLK = 0 V, open loop
0.3
1.5
μA
UNDERVOLTAGE LOCKOUT
Rising VIN Threshold
1.9
2.1
V
Falling VIN Threshold
1.5
1.8
V
OUTPUT
Continuous Output Current2
ILOAD
VIN = 2.1 V to 5.5 V
500
mA
PWM Mode Output Accuracy3
VOUT
VIN = 2.1 V to 5.5 V, no load
VOUT − 2%
VOUT + 2%
V
PFM Mode Output Accuracy3, 4
VIN = 2.1 V to 5.5 V
VOUT − 3%
VOUT + 3%
V
FB Bias Current
VFB = VOUT
4
9
μA
FB Pull-Down Resistance
RDSCHG
VEXTCLK = 0 V, IFB = 10 mA
110
180
Ω
SWITCHING CHARACTERISTICS
PMOS On Resistance
ISW = 500 mA
180
340
mΩ
NMOS On Resistance
ISW = 500 mA
250
mΩ
SW Leakage Current
VSW = 0 V, VIN = 5.5 V
10
μA
PMOS Switch Current Limit
Open loop
770
1000
1291
mA
PFM Current Limit
VMODE = 0 V, VIN = 3.6 V
170
260
305
mA
Oscillator Frequency
fSW
4.8
6
6.8
MHz
SHORT-CIRCUIT PROTECTION
Rising VOUT Threshold
0.55
0.7
V
Falling VOUT Threshold
0.4
0.52
V
EXTCLK INPUT
High Threshold Voltage
VEXTCLK(H)
VIN = 2.1 V to 5.5 V
1.3
V
Low Threshold Voltage
VEXTCLK(L)
VIN = 2. 1 V to 5.5 V
0.4
V
Leakage Current
VIN = 5.5 V, VEXTCLK = 2.1 V to 5.5 V
0.01
1
μA
Duty Cycle Operating Range
DEXTCLK
40
60
%
Frequency Operating Range
fEXTCLK
6
27
MHz
MODE INPUT LOGIC
High Threshold Voltage
VMODE(H)
VIN = 2.1 V to 5.5 V
1.3
V
Low Threshold Voltage
VMODE(L)
VIN = 2.1 V to 5.5 V
0.4
V
Leakage Current
VEXTCLK = 0 V, VIN = VMODE = 5.5 V
0.005
1
μA
THERMAL SHUTDOWN5
PWM mode only
Thermal Shutdown Threshold
146
°C
Thermal Shutdown Hysteresis
13
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com